Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Block-Protection (BP3, BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the
size of the memory area to be software protected against
any memory Write (Program or Erase) operation, see
Table 5. The Write-Status-Register (WRSR) instruction is
used to program the BP3, BP2, BP1 and BP0 bits as long
as WP# is high or the Block-Protect-Lock (BPL) bit is ‘0’.
Chip-Erase can only be executed if Block-Protection bits
are all ‘0’. After power-up, BP3, BP2, BP1 and BP0 are set
to defaults. See Table 4 for defaults at power-up.
Block Protection Lock-Down (BPL)
When the WP# pin is driven low (VIL), it enables the Block-
Protection-Lock-Down (BPL) bit. When BPL is set to ‘1’, it
prevents any further alteration of the BPL, BP3, BP2, BP1,
and BP0 bits. When the WP# pin is driven high (VIH), the
BPL bit has no effect and its value is ‘Don’t Care’. After
power-up, the BPL bit is reset to ‘0’.
TABLE
5: Software Status Register Block Protection for SST25WF080
Protection Level
Status Register Bit
Protected Memory Address
BP31
1. X = Don’t Care (Reserved), default is ‘0’.
BP22
2. Default at power-up for BP2, BP1 and BP0 is ‘11’.
BP12
BP02
8 Mbit
None
X
0
0
0
None
1 (Upper 16th Memory, Blocks 30 and 31)
X
0
0
1
F0000H-FFFFFH
2 (Upper 8th Memory, Blocks 28 to 31)
X
0
1
0
E0000H-FFFFFH
3 (Upper Quarter Memory, Blocks 24 to 31)
X
0
1
1
C0000H-FFFFFH
4 (Upper Half Memory, Blocks 16 to 31)
X
1
0
0
80000H-FFFFFH
5 (Full Memory, Blocks 0 to 31)
X
1
0
1
00000H-FFFFFH
X
110
X
111
T5.1 1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com