Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
17
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction, 04H, resets the
Write-Enable-Latch bit and AAI to 0 disabling any new
Write operations from occurring. The WRDI instruction will
not terminate any programming operation in progress. Any
program operation in progress may continue up to TBP after
executing the WRDI instruction. CE# must be driven high
before the WRDI instruction is executed. See Figure 20 for
the WRDI instruction sequence.
FIGURE 20: Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction
arms the Write-Status-Register (WRSR) instruction and
opens the status register for alteration. The Write-Status-
Register instruction must be executed immediately after the
execution of the Enable-Write-Status-Register instruction.
This two-step instruction sequence of the EWSR instruc-
tion followed by the WRSR instruction works like SDP (soft-
ware data protection) command structure which prevents
any accidental alteration of the status register values. CE#
must be driven low before the EWSR instruction is entered
and must be driven high before the EWSR instruction is
executed. See Figure 21 for EWSR instruction followed by
WRSR instruction.
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to
the BP3, BP2, BP1, BP0, and BPL bits of the status regis-
ter. CE# must be driven low before the command
sequence of the WRSR instruction is entered and driven
high before the WRSR instruction is executed. See Figure
21 for EWSR or WREN and WRSR instruction sequences.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to ‘1’. When
the WP# is low, the BPL bit can only be set from ‘0’ to ‘1’ to
lock-down the status register, but cannot be reset from ‘1’ to
‘0’. When WP# is high, the lock-down function of the BPL
bit is disabled and the BPL, BP0, BP1, BP2, and BP3 bits
in the status register can all be changed. As long as BPL bit
is set to ‘0’ or WP# pin is driven high (VIH) prior to the low-
to-high transition of the CE# pin at the end of the WRSR
instruction, the bits in the status register can all be altered
by the WRSR instruction. In this case, a single WRSR
instruction can set the BPL bit to ‘1’ to lock down the status
register as well as altering the BP0, BP1, BP2, and BP3
bits at the same time. See Table 3 for a summary descrip-
tion of WP# and BPL functions.
FIGURE 21: Enable-Write-Status-Register (EWSR) or Write-Enable (WREN) and Write-Status-Register
(WRSR) Sequence
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F19.0
MSB
1203 F20.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com