Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 29Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
29
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
TABLE 14: Revision History
Number
Description
Date
00
•
Initial release of data sheet
Sep 2007
01
•
Revised Active Read Current, Standby Current, Chip-Erase Time, and Sector-/
Block-Erase Time in Features on page 1
•
Added a footnote to Table 2 Reset Timing Parameters
•
Revised Table 6 on page 9
•
Revised Table 10 on page 23
•
Revised Table 13 on page 24
•
Revised Figure 12 and Figure 13
•
Revised Product Ordering Information and Valid Combinations
•
Revised THLS, THHS, THLH, and THHH in Table 13 on page 24 from 5 ns to 6ns.
Apr 2009
02
•
Changed Standby Current: from 5 mA to 5 µA in Features on page 1
•
Added the Z1A package
May 2009
03
•
Removed Z1AE package information
•
Added ZAE package information
•
Updated SST address information on page 29
Apr 2010
Silicon Storage Technology, Inc.
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com