Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25WF080 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
5
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Reset/Hold Mode
The RST#/HOLD# pin provides either a hardware reset or
a hold pin. From power-on, the RST#/HOLD# pin defaults
as a hardware reset pin (RST#). The Hold mode for this pin
is a user selected option where an Enable-Hold instruction
enables the Hold mode. Once selected as a hold pin
(HOLD#), the RST#/HOLD# pin will be configured as a
HOLD# pin, and goes back to RST# pin only after a power-
off and power-on sequence.
Reset
If the RST#/HOLD# pin is used as a reset pin, RST# pin
provides a hardware method for resetting the device. Driving
the RST# pin high puts the device in normal operating
mode. The RST# pin must be driven low for a minimum of
TRST time to reset the device. The SO pin is in high imped-
ance state while the device is in reset. A successful reset will
reset the status register to its power-up state. See Table 4
for default power-up modes. A device reset during an active
Program or Erase operation aborts the operation and data
of the targeted address range may be corrupted or lost due
to the aborted erase or program operation. The device exits
AAI Programming Mode in progress and places the SO pin
in high impedance state.
FIGURE 5: Reset Timing Diagram
TABLE
2: Reset Timing Parameters
Symbol
Parameter
Min
Max
Units
TRST1
1. For reset while in a Programming or Erase mode, the reset pulse must be >5µs
Reset Pulse Width
100
ns
TRHZ
Reset to High-Z Output
107
ns
TRECR
Reset Recovery from Read
100
ns
TRECP
Reset Recovery from Program
10
µs
TRECE
Reset Recovery from Erase
1
ms
T2.1203
1203 F04.0
CE#
SO
SI
SCK
RST#
TRECR
TRECP
TRECE
TRST
TRHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com