Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
7
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Status Register
The software status register provides status on whether the
flash memory array is available for any Read or Write oper-
ation, whether the device is Write enabled, and the state of
the Memory Write protection. During an internal Erase or
Program operation, the status register may be read only to
determine the completion of an operation in progress.
Table 4 describes the function of each bit in the software
status register.
Busy
The Busy bit determines whether there is an internal Erase
or Program operation in progress. A ‘1’ for the Busy bit indi-
cates the device is busy with an operation in progress. A ‘0’
indicates the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the inter-
nal Write-Enable-Latch memory. If the WEL bit is set to ‘1’,
it indicates the device is Write enabled. If the bit is set to ‘0’
(reset), it indicates the device is not Write enabled and
does not accept any Write (Program/Erase) commands.
The Write-Enable-Latch bit is automatically reset under the
following conditions:
•
Device Reset
•
Power-up
•
Write-Disable (WRDI) instruction completion
•
Byte-Program instruction completion
•
Auto Address Increment (AAI) programming is
completed or reached its highest unprotected
memory address
•
Sector-Erase instruction completion
•
Block-Erase instruction completion
•
Chip-Erase instruction completion
•
Write-Status-Register instructions
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
TABLE
4: Software Status Register
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicate current level of block write protection (See Table 5)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 5)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 5)
1
R/W
5
BP3
Indicate current level of block write protection (See Table 5)
0
R/W
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP3, BP2, BP1 and BP0 are read-only bits
0 = BP3, BP2, BP1 and BP0 are read/writable
0R/W
T4.1 1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com