Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
19
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as
SST25WF080 and the manufacturer as SST. The device
information can be read from executing the 8-bit command,
9FH. Following the JEDEC Read-ID instruction, the 8-bit
manufacturer’s ID, BFH, is output from the device. After
that, a 16-bit device ID is shifted out on the SO pin. The
Device ID is assigned by the manufacturer and contains
the type of memory in the first byte and the memory capac-
ity of the device in the second byte. See Figure 24 for the
instruction sequence. The JEDEC Read ID instruction is
terminated by a low to high transition on CE# at any time
during data output.
FIGURE 24: JEDEC Read-ID Sequence
TABLE
8: JEDEC Read-ID Data-Out
Device ID
Manufacturer’s ID (Byte 1)
Memory Type
(Byte 2)
Memory Capacity
(Byte 3)
BFH
25H
05H
T8.0 1203
25
05H
1203 F23.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com