Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Sector-Erase
The Sector-Erase instruction clears all bits in the selected 4
KByte sector to FFH. A Sector-Erase instruction applied to
a protected memory area will be ignored. Prior to any Write
operation, the Write-Enable (WREN) instruction must be
executed. CE# must remain active low for the duration of
any command sequence. The Sector-Erase instruction is
initiated by executing an 8-bit command, 20H, followed by
address bits [A23-A0]. Address bits [AMS-A12] (AMS =Most
Significant address) are used to determine the sector
address (SAX), remaining address bits can be VIL or VIH.
CE# must be driven high before the instruction is executed.
The user may poll the Busy bit in the software status regis-
ter or wait TSE for the completion of the internal self-timed
Sector-Erase cycle. See Figure 14 for the Sector-Erase
sequence.
FIGURE 14: Sector-Erase Sequence
32-KByte Block-Erase
The Block-Erase instruction clears all bits in the selected 32
KByte block to FFH. A Block-Erase instruction applied to a
protected memory area is ignored. Prior to any Write oper-
ation, the Write-Enable (WREN) instruction must be exe-
cuted. CE# must remain active low for the duration of any
command sequence. The Block-Erase instruction is initi-
ated by executing an 8-bit command, 52H, followed by
address bits [A23-A0]. Address bits [AMS-A15] (AMS =Most
Significant Address) are used to determine block address
(BAX), remaining address bits can be VIL or VIH. CE# must
be driven high before the instruction is executed. Poll the
Busy bit in the software status register or wait TBE for the
completion of the internal self-timed Block-Erase. See Fig-
ure 15 for the Block-Erase sequences.
FIGURE 15: 32-KByte Block-Erase Sequence
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
20
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1203 F13.0
MSB
MSB
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
52
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
1203 F14.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com