Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 27 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 27 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 29Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
27
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
PRODUCT ORDERING INFORMATION
Valid combinations for SST25WF080
SST25WF080-75-4I-SAF
SST25WF080-75-4I-ZAE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST
25
WF
XXX
- 75
-
4I - SA
F
XX
XXXXX
-XX
-XX -XX
X
Environmental Attribute
E1 = non-Pb
F2 = non-Pb / non-Sn contact (lead) finish:
Nickel plating with Gold top (outer) layer
Package Modifier
A = 8 leads
Package Type
Z = XFBGA
S = SOIC 150 mil body width
Temperature Range
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
75 = 75 MHz
Device Density
080 = 8 Mbit
Voltage
W= 1.65-1.95V
Product Series
25 = Serial Peripheral Interface flash memory
1. Environmental suffix “E” denotes non-Pb solder.
SST non-Pb solder devices are “RoHS Compliant”.
2. Environmental suffix “F” denotes non-Pb/non-SN solder.
SST non-Pb/non-Sn solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com