Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Enable-Hold (EHLD)
The 8-bit command, AAH, Enable-Hold instruction enables
the HOLD functionality of the RST#/HOLD# pin. CE# must
remain active low for the duration of the Enable-Hold
instruction sequence. CE# must be driven high before the
instruction is executed. See Figure 22 for the Enable-Hold
instruction sequence.
FIGURE 22: Enable-Hold Sequence
Read-ID
The Read-ID instruction identifies the manufacturer as SST
and the device as SST25WF080. Use the Read-ID instruc-
tion to identify SST device when using multiple manufactur-
ers in the same socket. See Table 7.
The device information is read by executing an 8-bit com-
mand, 90H or ABH, followed by address bits [A23-A0]. Fol-
lowing the Read-ID instruction, the manufacturer’s ID is
located in address 000000H and the device ID is located in
address 000001H. Once the device is in Read-ID mode,
the manufacturer’s and device ID output data toggles
between address 000000H and 000001H until terminated
by a low to high transition on CE#.
FIGURE 23: Read-ID Sequence
CE#
SO
SI
SCK
01 2 3 4 5 6 7
AA
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F21.0
MSB
TABLE
7: Product Identification
Address
Data
Manufacturer’s ID
000000H
BFH
Device ID
SST25WF080
000001H
05H
T7.1203
1203 F22.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: 1. The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#.
2. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com