Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF080 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Read (33 MHz)
The Read instruction, 03H, supports up to 33 MHz Read.
The device outputs a data stream starting from the speci-
fied address location. The data stream is continuous
through all addresses until terminated by a low-to-high tran-
sition on CE#. The internal address pointer automatically
increments until the highest memory address is reached.
Once the highest memory address is reached, the address
pointer automatically increments to the beginning (wrap-
around) of the address space. For example, for 8 Mbit den-
sity, once the data from the address location FFFFFH is
read, the next output is from address location 000000H.
The Read instruction is initiated by executing an 8-bit com-
mand, 03H, followed by address bits A23-A0. CE# must
remain active low for the duration of the Read cycle. See
Figure 7 for the Read sequence.
FIGURE 7: Read Sequence
High-Speed-Read (75 MHz)
The High-Speed-Read instruction supporting up to 75 MHz
Read is initiated by executing an 8-bit command, 0BH, fol-
lowed by address bits [A23-A0] and a dummy byte. CE#
must remain active low for the duration of the High-Speed-
Read cycle. See Figure 8 for the High-Speed-Read
sequence.
Following a dummy cycle, the High-Speed-Read instruc-
tion outputs the data starting from the specified address
location. The data output stream is continuous through all
addresses until terminated by a low-to-high transition on
CE#. The internal address pointer will automatically incre-
ment until the highest memory address is reached. Once
the highest memory address is reached, the address
pointer will automatically increment to the beginning (wrap-
around) of the address space. For example, for 2 Mbit den-
sity, once the data from address location 7FFFFH is read,
the next output will be from address location 000000H.
FIGURE 8: High-Speed-Read Sequence
1203 F06.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
1203 F07.0
CE#
SO
SI
SCK
ADD.
012 3 4 5
6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com