Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM8322 Datasheet HTML 1Page - National Semiconductor (TI) LM8322 Datasheet HTML 2Page - National Semiconductor (TI) LM8322 Datasheet HTML 3Page - National Semiconductor (TI) LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
5.0 Ordering Information
NSID
Spec.
No. of Pins
Package Type
Temperature
Package Method
LM8322JGR8
NOPB
36
Micro-Array
−40 to + 85°C
1000 pcs Tape & Reel
LM8322JGR8X
NOPB
36
Micro-Array
−40 to + 85°C
3500 pcs Tape & Reel
NOPB = No PB (No Lead)
6.0 Pin Assignments
30013621
Top View
36–Pin MICRO-ARRAY Package
See NS Package Number GRA36A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com