Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 2Page - National Semiconductor (TI) LM8322 Datasheet HTML 3Page - National Semiconductor (TI) LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Pin
Function
I/O
Description
D6
CONFIG_1
Input
Slave address select input 1
GPIO_14
I/O
General-purpose I/O port 14
D1
XTAL_OUT
Input
32.768 kHz crystal output
D2
SLOWCLK
Input
32.768 kHz clock
XTAL_IN
Input
32.768 kHz crystal input
F3
IRQ
Output
Interrupt request output
C1
RESET
Input
Reset Input
A4, F4
V
CC
n.a.
V
CC
C3, C4,
D3, D4
GND
n.a.
Ground
7.1 TERMINATION OF UNUSED SIGNALS
TABLE 1. Termination of Unused Signals
Signal
Termination
RESET
Connect to V
CC if not driven from an external Supervisory circuit.
CONFIG_1
Connect to V
CC or GND through a pullup or pulldown resistor because the slave address is selected
by the level on this pin. This pin cannot be left unconnected.
XTAL_IN
This pin is a high-impedance input and must be connected to V
CC or GND if it is unused.
XTAL_OUT
This pin has a weak pullup and can be left open-circuit if it is unused.
KP-X[2:0]
These pins are dedicated keypad pins. In the minimum configuration, these pins are keypad inputs
with weak pullups.
KP-X[7:3]
These pins are in high-impedance mode after power-on initialization. There are two ways to handle
these pins if unused:
•
Connect to V
CC or GND.
•
Program as inputs with weak pullups or outputs.
Care must be taken when connecting to V
CC or GND. Erroneous parameters sent with the
WRITE_PORT_SEL or WRITE_PORT_STATE commands could cause excessive current
consumption. A better approach is to leave unused keyboard inputs open-circuit and use the
WRITE_PORT_SEL and WRITE_PORT_STATE commands to configure the pins as inputs with
weak pullups or outputs.
KP-X7 can only be an input. This pin should be programmed as an input with a weak pullup.
KP-Y[2:0]
These pins are dedicated keypad pins. In the minimum configuration, these pins are keypad outputs
driven low.
KP-Y[11:3]
These pins are in high-impedance mode after power-on initialization. There are two ways to handle
these pins if unused:
•
Connect to V
CC or GND.
•
Program as inputs with weak pullups or outputs
Care must be taken when connecting to V
CC or GND. Erroneous parameters sent with the
WRITE_PORT_SEL or WRITE_PORT_STATE commands could cause excessive current
consumption. A better approach is to leave unused keyboard inputs open-circuit and use the
WRITE_PORT_SEL and WRITE_PORT_STATE commands to configure the pins as inputs with
weak pullups or outputs.
PWM_0,
PWM_1
These pins must be connected to V
CC or GND if they are not used for any optional function
described in the datasheet.
PWM_2/
CONFIG_2
Connect to V
CC or GND through a pullup or pulldown resistor because the slave address is selected
by the level on this pin. This pin cannot be left unconnected.
IRQ
This pin must be connected.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com