Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8322 Datasheet HTML 1Page - National Semiconductor (TI) LM8322 Datasheet HTML 2Page - National Semiconductor (TI) LM8322 Datasheet HTML 3Page - National Semiconductor (TI) LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
May 2007
LM8322
Mobile I/O Companion Supporting Key-Scan, I/O
Expansion, PWM, and ACCESS.bus Host Interface
1.0 General Description
The LM8322 Mobile I/O Companion is a dedicated device to
unburden a host processor from scanning a matrix-addressed
keypad. In addition, the LM8322 provides general-purpose
I/O expansion, and PWM outputs useful for dynamic LED
brightness modulation.
It communicates with the host through an I2C-compatible
ACCESS.bus interface. An interrupt output is available for
signaling key-press and key-release events. Communication
frequencies up to 400 kHz (Fast-mode) bus speed are sup-
ported. The LM8322 supports a predefined set of commands.
These commands enable a host device to keep control over
all functions.
2.0 Features
Key Features
■ Supports keypad matrices of up to 8 × 12 keys plus 8
special-function (SF) keys for a total of 104 keys. SF keys
pull keypad scan inputs directly to ground, rather than
connecting to a keypad scan output.
■ Supports I2C-compatible ACCESS.bus interface in slave
mode up to 400 kHz (Fast-mode).
■ Three host-programmable PWM outputs useful for smooth
LED brightness modulation.
■ Supports general-purpose I/O expansion on pins not
otherwise used for keypad interface.
■ Key-scan event storage in a FIFO buffer for up to 15
events.
■ Key events, errors, and dedicated hardware interrupts
request host service by asserting the IRQ output.
■ The correct reception of a command may be assumed, if
no error is reported from the LM8322 after receiving a
command.
■ Wake-up from Halt mode on any matrix key-scan event,
any use of the SF keys, or any activity on the ACCESS.bus
interface.
3.0 Applications
■ Mobile phones
■ Personal Digital Assistants (PDAs)
■ Smart handheld devices
■ Personal media players
4.0 Block Diagram
30013620
© 2007 National Semiconductor Corporation
300136
www.national.com


Similar Part No. - LM8322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM832 NSC-LM832 Datasheet
197Kb / 10P
Dynamic Noise Reduction System DNR
August 1989
logo
LM Technologies Ltd
LM832 LMTECHNOLOGIES-LM832 Datasheet
13Mb / 15P
LM832 WiFi and Bluetooth® Dual Mode Combi Module Standalone with SDIO and UART Interfaces
13/MAR/2018 Version 1.1
LM832-0472 LMTECHNOLOGIES-LM832-0472 Datasheet
13Mb / 15P
LM832 WiFi and Bluetooth® Dual Mode Combi Module Standalone with SDIO and UART Interfaces
13/MAR/2018 Version 1.1
LM832-0473 LMTECHNOLOGIES-LM832-0473 Datasheet
13Mb / 15P
LM832 WiFi and Bluetooth® Dual Mode Combi Module Standalone with SDIO and UART Interfaces
13/MAR/2018 Version 1.1
LM832-0474 LMTECHNOLOGIES-LM832-0474 Datasheet
13Mb / 15P
LM832 WiFi and Bluetooth® Dual Mode Combi Module Standalone with SDIO and UART Interfaces
13/MAR/2018 Version 1.1
More results

Similar Description - LM8322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333_14 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com