Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) LM8322 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
9.0 Clocks
•
System Clock (mclk) — The system clock is in the range
of about 21 MHz (± 7%) typical. This clock is used to drive
the I2C compatible serial ACCESS bus and is the input
clock for other function blocks.
•
Processing and Command Execution Clock (t
C) — The
internal processing is based on a 2 MHz clock. This clock
is derived from the System Clock.
•
Internal PWM Clock — The internal PWM clock is a fixed
scaled down clock (÷ 64) of the Processing and Command
Execution Clock. This clock is close to 32 kHz which is in
a good range to source the PWM function block as an
alternative to an external clock source.
•
External 32.768 kHz Clock — driven into the SLOWCLK
input. May be used internally as the timebase for the PWM
and driven on the SLOWCLKOUT output.
•
External 32.768 kHz Crystal — connected across the
XTAL_IN and XTAL_OUT pins (XTAL_IN is an alternate
function of the SLOWCLK pin). May be used internally as
the timebase for the PWM and driven on the
SLOWCLKOUT output.
30013602
FIGURE 2. Clock Architecture
9.1 INTERNAL EXECUTION CYCLE
The Processing - and Command - execution clock is about 2
MHz. This clock is stopped in Halt mode, which only occurs
under control of the LM8322. However, the host can set the
period of inactivity which causes the device to enter Halt
mode.
Exit from Halt mode can be triggered by any of these events:
•
Occurrence of a key-press or key-release event.
•
A Start condition driven by the host on the ACCESS.bus
interface.
•
Assertion of the RESET input.
After reset, the default timebase for the PWM outputs is the
internal execution clock divided by 64.
9.2 BUFFERED CLOCK
The timebase for the PWM comes from any of three sources:
•
Prescaled internal Execution clock.
•
External 32.768 kHz clock received on the SLOWCLK
input.
•
On-chip oscillator with an external crystal connected
across XTAL_IN and XTAL_OUT.
Any of these sources may be buffered and driven on the
SLOWCLKOUT output. The clock buffer is enabled with the
WRITE_CLOCK command.
If XTAL_IN is not used it must be terminated to V
CC or GND.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com