Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
17.9 READ_PORT_STATE COMMAND
The READ_PORT_STATE command consists of a command
byte (0x88) from the host and two data bytes from the
LM8322. The data bytes indicate the states on the corre-
sponding ports. The first data byte controls ports GPIO_15
through GPIO_08, and the second byte controls ports
GPIO_07 through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
0
0
0
GP
IO_
07
Bit
Value
Description
GPIO_xx
0
If the GPIO port pin is an input, pullup is disabled. If the GPIO port pin is an
output, it is driven low.
1
If the GPIO port pin is an input, pullup is enabled. If the GPIO port pin is an
output, it is driven high.
17.10 READ_FIFO COMMAND
The READ_FIFO command consists of a command byte
(0x89) sent from the host and a variable number of data bytes
received from the LM8322. The LM8322 will provide data until
the FIFO is empty. The last data byte is indicated by its value
(0x00) and a negative acknowledgement (NACK) on the
ACCESS.bus interface. The data bytes correspond to key-
press and key-release events, as described in Table 5.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
0
0
1
FIFODATA
0x00
Field
Value
Description
FIFODATA
0xxxxxxx
Key-release event.
1xxxxxxx
Key-press event.
17.11 RPT_READ_FIFO COMMAND
The RPT_READ_FIFO command consists of a command
byte (0x8A) and from the host and a variable number of data
bytes from the LM8322. This command provides the same
data as a previous READ_FIFO command, but without ad-
vancing the FIFO pointer. It may be used to recover from an
error encountered during a READ_FIFO command.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
0
1
0
FIFODATA
0x00
Field
Value
Description
FIFODATA
0xxxxxxx
Key-release event.
1xxxxxxx
Key-press event.
33
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com