Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 13Page - National Semiconductor (TI) LM8322 Datasheet HTML 14Page - National Semiconductor (TI) LM8322 Datasheet HTML 15Page - National Semiconductor (TI) LM8322 Datasheet HTML 16Page - National Semiconductor (TI) LM8322 Datasheet HTML 17Page - National Semiconductor (TI) LM8322 Datasheet HTML 18Page - National Semiconductor (TI) LM8322 Datasheet HTML 19Page - National Semiconductor (TI) LM8322 Datasheet HTML 20Page - National Semiconductor (TI) LM8322 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
keyboard matrix. The default GPIO configuration is an input
with the pullup disabled.
13.1 USING THE CONFIG_X PINS FOR GPIO
The CONFIG_1 and CONFIG_2 pins are available for use as
GPIO pins after power-on or reset. However, stable states
must be provided on these pins during power-on or reset to
select the ACCESS.bus (I2C) bus address.
External pullup or pulldown resistors can be used to pull either
CONFIG_x pin low, while retaining the ability to drive it to an-
other state when used as a GPIO pin.
CONFIG_2 has two alternate functions, in addition to GPIO.
It can be configured as a multiplexer output using the
WRITE_CFG command (0x81), in which case it will not be
available as a GPIO pin. It can also be configured as a PWM
output, which also would override its use as a GPIO pin.
13.2 GPIO TIMING
When a WRITE_PORT_STATE command (0x86) is received,
the GPIO outputs do not change to their new states immedi-
ately or simultaneously. The first one changes 54 µs after the
command is acknowledged, and the others change at inter-
vals of 7.3 µs, as shown in Figure 11.
30013611
FIGURE 11. GPIO Port State Change Timing
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com