Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
17.12 SET_ACTIVE COMMAND
The SET_ACTIVE command consists of a command byte
(0x8B) and a data byte from the host. This command sets the
time that the LM8322 stays active without detecting a key-
press or key-release event before entering Halt mode. The
default active time is 500 milliseconds. The host can program
ACTIVETIME from 4–1020 milliseconds with a granularity of
4 milliseconds.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
0
1
1
ACTIVETIME
Field
Value
Description
ACTIVETIME
0
Halt mode is disabled.
1–255
Active time = n × 4 milliseconds.
17.13 READ_ERROR COMMAND
The READ_ERROR command consists of a command byte
(0x8C) from the host and a data byte from the LM8322. After
reading an interrupt code that indicates an error condition, this
command is used to read an error code that indicates the
cause of the error condition.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
1
1
0
0
0
FIFOOVR
0
0
0
KEYOVR
CMDUNK
BADPAR
Bit
Value
Description
FIFOOVR
0
No FIFO overrun occurred.
1
Event occurred while the FIFO was full.
KEYOVR
0
No keypad overrun occurred.
1
More than two keys were pressed simultaneously.
CMDUNK
0
No invalid command was encountered.
1
Not a valid command.
BADPAR
0
No bad parameter was encountered.
1
Bad command parameter.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com