Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) LM8322 Datasheet HTML 12Page - National Semiconductor (TI) LM8322 Datasheet HTML 13Page - National Semiconductor (TI) LM8322 Datasheet HTML 14Page - National Semiconductor (TI) LM8322 Datasheet HTML 15Page - National Semiconductor (TI) LM8322 Datasheet HTML 16Page - National Semiconductor (TI) LM8322 Datasheet HTML 17Page - National Semiconductor (TI) LM8322 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
12.0 Keypad Interface
12.1 EVENT CODE ASSIGNMENT
After power-on reset and host initialization, the LM8322 starts
scanning the keypad. It stays active for a default time of about
500 ms after the last key is released, after which it enters Halt
mode to minimize power consumption (typically <5 µA stand-
by current).
Table 5 lists the codes assigned to the matrix positions en-
coded by the hardware. Key-press events are assigned the
codes listed in Table 5 , but with the MSB set. When a key is
released, the MSB of the code is clear.
TABLE 5. Keypad Matrix Code Assignments
KP-Y0
KP-Y1 KP-Y2 KP-Y3 KP-Y4 KP-Y5 KP-Y6
KP-Y7 KP-Y8 KP-Y9 KP-Y10 KP-Y11 SF Keys
KP-X0
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
0x0A
0x0B
0x0C
0x0F
KP-X1
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
0x19
0x1A
0x1B
0x1C
0x1F
KP-X2
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x29
0x2A
0x2B
0x2C
0x2F
KP-X3
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x39
0x3A
0x3B
0x3C
0x3F
KP-X4
0x41
0x42
0x43
0x44
0x45
0x46
0x47
0x48
0x49
0x4A
0x4B
0x4C
0x4F
KP-X5
0x51
0x52
0x53
0x54
0x55
0x56
0x57
0x58
0x59
0x5A
0x5B
0x5C
0x5F
KP-X6
0x61
0x62
0x63
0x64
0x65
0x66
0x67
0x68
0x69
0x6A
0x6B
0x6C
0x6F
KP-X7
0x71
0x72
0x73
0x74
0x75
0x76
0x77
0x78
0x79
0x7A
0x7B
0x7C
0x7F
The codes are loaded into the FIFO buffer in the order in
which they occurred. Table 6 shows an example sequence of
events, and Figure 7 shows the resulting sequence of event
codes loaded into the FIFO buffer.
TABLE 6. Example Sequence of Events
Event Number
Event Code
Event on Input
Driven Output
Description
1
0xC5
KP-X4
KP-Y4
Key is pressed
2
0xB2
KP-X3
KP-Y1
Key is pressed
3
0x45
KP-X4
KP-Y4
Key is released
4
0x32
KP-X3
KP-Y1
Key is released
5
0x81
KP-X0
KP-Y0
Key is pressed
6
0x5F
KP-X5
n.a.
SF Key is released
7
0x01
KP-X0
KP-Y0
Key is released
8
0x00
n.a.
n.a.
Indicates end of stored events
30013607
FIGURE 7. Example Event Codes Loaded in FIFO Buffer
12.2 KEYPAD SCAN CYCLES
The LM8322 starts new scan cycles at fixed time intervals of
about 4 milliseconds. If a change in the state of the keypad is
detected, the keypad is rescanned after a debounce delay.
When the state change has been reliably captured, it is en-
coded and written to the FIFO buffer.
Figure 8 shows the relationship between a KP-Yx output and
a KP-Xx input over multiple scan cycles during a key press
event. Between scan cycles, the KP-Yx outputs that are spec-
ified by the SET_KEY_SIZE command (0x90) for keypad
scanning are driven low.
30013608
FIGURE 8. Keypad Scan Cycles
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com