Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) LM8322 Datasheet HTML 12Page - National Semiconductor (TI) LM8322 Datasheet HTML 13Page - National Semiconductor (TI) LM8322 Datasheet HTML 14Page - National Semiconductor (TI) LM8322 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
10.4 DEVICE CONFIGURATION AFTER RESET
After the LM8322 has completed its reset initialization, it will
have the following internal configuration:
•
PWM Clock — the PWM clock source is the on-chip clock
divided by 64. This remains in effect until changed by a
host command.
•
Keypad Size — 3 × 3.
•
Digital Multiplexers — disabled.
•
IRQ — enabled, active low.
•
NOINIT Bit — set.
•
Debounce Time — 3 scan cycles (about 12 milliseconds).
•
Active Time — 500 milliseconds.
10.5 CONFIGURATION INPUTS
The states sampled from the CONFIG_1 and CONFIG_2 in-
puts during reset select the ACCESS.bus address used by
the LM8322, as shown in Table 4. The address occupies the
high seven bits of the first byte of a bus transaction, with the
LSB (shown as X below) indicating the direction of transfer.
TABLE 4. Bus Address Selection
CONFIG_1
CONFIG_2
Bus Address
0
0
1000 010X
0
1
1000 011X
1
0
1000 100X
1
1
1000 101X
When these pins are used as GPIO ports, the design must
ensure that they have the desired states during reset. For ex-
ample, a 100-kohm resistor to ground can impose a logic 0
during reset without interfering with normal operation as a
GPIO port.
10.6 INITIALIZATION
The LM8322 waits for a WRITE_CFG command from the
host. During this time, IRQ is asserted to request service from
the host. Figure 3 describes the behavior of the LM8322 fol-
lowing reset.
30013603
FIGURE 3. LM8322 Initialization Behavior
Figure 4 shows the timing of IRQ relative to a RESET or POR
event and the WRITE_CFG command. 100 µs after a RE-
SET or POR event, IRQ is asserted and any READ_INT
command will return an interrupt code with the NOINIT bit set.
90 µs after a WRITE_CFG command is received, IRQ is de-
asserted.
30013604
FIGURE 4. IRQ Reset Timing
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com