Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 17Page - National Semiconductor (TI) LM8322 Datasheet HTML 18Page - National Semiconductor (TI) LM8322 Datasheet HTML 19Page - National Semiconductor (TI) LM8322 Datasheet HTML 20Page - National Semiconductor (TI) LM8322 Datasheet HTML 21Page - National Semiconductor (TI) LM8322 Datasheet HTML 22Page - National Semiconductor (TI) LM8322 Datasheet HTML 23Page - National Semiconductor (TI) LM8322 Datasheet HTML 24Page - National Semiconductor (TI) LM8322 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
14.8 END COMMAND
The END command terminates script execution and asserts
an interrupt to the host if the RESET bit is set to “1” or “0”.
If the END command is executed with the RESET bit set to
“1” , the PWM output will be disabled. If the RESET bit is “0”
when executing the END command, the PWM channel re-
mains active with the fixed duty cycle it was last set to.
Please note: If a PWM channel is waiting for the trigger (last
executed command was "TRIGGER") and the script execu-
tion is halted then the "END" command can’t be executed
because the previous command is still pending. This is an
exception - in this case the IRQ signal will not be asserted.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
0
0
RESET
0
Bit
Value
Description
RESET
0
PWM_x output is active when script execution terminates.
1
PWM_x output is Tristate when script execution terminates.
14.9 TRIGGER COMMAND
Triggers are used to synchronize operations between PWM
channels. A TRIGGER command that sends a trigger takes
sixteen 32.768 kHz clock cycles, and a command that waits
for a trigger takes at least sixteen 32.768 kHz clock cycles.
A TRIGGER command that waits for a trigger (or triggers) will
stall script execution until the trigger conditions are satisfied.
Then, it will clear the trigger(s) and continue to the next com-
mand.
When a trigger is sent, it is stored by the receiving channel
and can only be cleared when the receiving channel executes
a TRIGGER command that waits for the trigger.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
1
1
WAITTRIGGER
SENDTRIGGER
0
Field
Value
Description
0001xx
Wait for trigger from channel 2
WAITTRIGGER
000xx1
Wait for trigger from channel 0
000x1x
Wait for trigger from channel 1
SENDTRIGGER
000xx1
Send trigger to channel 0
000x1x
Send trigger to channel 1
0001xx
Send trigger to channel 2
14.10 PWM SCRIPT EXAMPLE
This example shows a complex ramping sequence that uses
triggers for synchronization. Three scripts implement the ex-
ample. Figure 14 shows the PWM outputs for this example.
30013614
FIGURE 14. PWM Outputs
21
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com