Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 28Page - National Semiconductor (TI) LM8322 Datasheet HTML 29Page - National Semiconductor (TI) LM8322 Datasheet HTML 30Page - National Semiconductor (TI) LM8322 Datasheet HTML 31Page - National Semiconductor (TI) LM8322 Datasheet HTML 32Page - National Semiconductor (TI) LM8322 Datasheet HTML 33Page - National Semiconductor (TI) LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
17.7 WRITE_PORT_STATE COMMAND
The WRITE_PORT_STATE command consists of a com-
mand byte (0x86) and two data bytes from the host. For
general-purpose I/O ports configured as inputs, the data
bytes select whether the inputs are high-impedance (0) or
have a weak pullup (1). For ports configured as outputs, the
data bytes control the state driven on the output. The first data
byte controls ports GPIO_15 through GPIO_08, and the sec-
ond byte controls ports GPIO_07 through GPIO_00.
Bit
Value
Description
GPIO_xx
0
If the GPIO port pin is an input, pullup/pulldown device is disabled. If the GPIO port
pin is an output, it is driven low.
1
If the GPIO port pin is an input, pullup/pulldown device is enabled. If the GPIO port
pin is an output, it is driven high.
17.8 READ_PORT_SEL COMMAND
The READ_PORT_SEL command consists of a command
byte (0x87) from the host and two data bytes from the
LM8322. The data bytes indicate the direction configured for
the corresponding ports, either input (0) or output (1). The first
data byte controls ports GPIO_15 through GPIO_08, and the
second byte controls ports GPIO_07 through GPIO_00.
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
1
0
0
0
0
1
1
1
Bit
Value
Description
GPIO_xx
0
GPIO port pin is an input.
1
GPIO port pin is an output.
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com