Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 34Page - National Semiconductor (TI) LM8322 Datasheet HTML 35Page - National Semiconductor (TI) LM8322 Datasheet HTML 36Page - National Semiconductor (TI) LM8322 Datasheet HTML 37Page - National Semiconductor (TI) LM8322 Datasheet HTML 38Page - National Semiconductor (TI) LM8322 Datasheet HTML 39Page - National Semiconductor (TI) LM8322 Datasheet HTML 40Page - National Semiconductor (TI) LM8322 Datasheet HTML 41Page - National Semiconductor (TI) LM8322 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
20.0 AC Electrical Characteristics
(Temperature: -40°C
≤ T
A ≤ +85°C)
Data sheet specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
System Clock (mclk) (Note 8)
Internal RC
21
MHz
1.62V
≤ V
CC ≤ 1.98V
Processing and Command Execution Cycle (t
C)
(Note 8)
1.62V
≤ V
CC ≤ 1.98V
0.5
μs
System Clock, Processing and Command
Execution Cycle Variation(Note 8)
7
%
General-Purpose I/O (GPIO)
Output Rise Time(Note 8)
C
LOAD = 50 pF
15
ns
Output Fall Time(Note 8)
15
ns
ACCESS.bus Input Signals(Note 9)
Bus Free Time Between Stop and Start
Condition (tBUFi) (Note 8)
t
SCLhigho
SCL Setup Time (tCSTOsi) (Note 8)
Before Stop Condition k
8
mclk
SCL Hold Time (tCSTRhi) (Note 8)
After Start Condition
8
mclk
SCL Setup Time (tCSTRsi) (Note 8)
Before Start Condition
8
mclk
Data High Setup Time (tDHCsi) (Note 8)
Before SCL Rising Edge (RE)
2
mclk
Data Low Setup Time (tDLCsi) (Note 8)
Before SCL RE
2
mclk
SCL Low Time (tSCLlowi) (Note 8)
After SCL Falling Edge (FE)
12
mclk
SCL High Time (tSCLhighi) (Note 8)
After SCL RE
12
mclk
SDA Hold Time (tSDAhi) (Note 8)
After SCL FE
0
mclk
SDA Setup Time (tSDAsi) (Note 8)
Before SCL RE
2
mclk
ACCESS.bus Output Signals (Note 9)
Bus Free Time Between Stop and Start
Condition (tBUFo)(Note 9)
t
SCLhigho
SCL Setup Time (tCSTOso) (Note 8)
Before Stop Condition
t
SCLhigho
SCL Hold Time (tCSTRho) (Note 8)
After Start Condition
t
SCLhigho
SCL Setup Time (tCSTRso) (Note 8)
Before Start Condition
t
SCLhigho
Data High Setup Time (tDHCso) (Note 8)
Before SCL RE
t
SCLhigho
Data Low Setup Time (tDLCso) (Note 8)
Before SCL RE
t
SCLhigho
SCL Low Time (tSCLlowo) (Note 8)
After SCL FE
16
mclk
SCL High Time (tSCLhigho) (Note 8)
After SCL RE
16
mclk
SDA Hold Time (tSDAho) (Note 8)
After SCL FE
7
mclk
SDA Valid Time (tSDAso) (Note 8)
Before SCL RE
7
mclk
Note 8: Guaranteed by design, not tested.
Note 9: The ACCESS.bus interface implements and meets the timing necessary for interface to the I2C and SMBus protocol at logic levels. The bus drivers are
designed with open-drain output for bidirectional operation. The will not meet the AC timing and current/voltage requirements of the full bus specification.
39
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com