Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8322 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM8322 Datasheet HTML 3Page - National Semiconductor (TI) LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) LM8322 Datasheet HTML 10Page - National Semiconductor (TI) LM8322 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
8.0 Application Example
30013601
FIGURE 1. Typical Application
8.1 FEATURES
The application example shown in Figure 1 supports the fol-
lowing features:
•
8 x 9 standard keys.
•
8 special function keys (SF keys) with wake-up capability
by forcing a WAKE_INx pin to ground. Pressing a SF key
overrides any other key in the same row.
•
ACCESS.bus (I2C-compatible) interface for
communication with the host.
•
Hardware IRQ interrupt to host to signal keypad, error, and
status events. By default, this is an open-drain output, so
an external pullup resistor may be required to avoid false
assertion. The host can program this output for push-pull
mode, in which case the pullup might not be required, if
the host can ignore a false assertion before the LM8322
has been programmed.
•
Two LEDs driven by PWM outputs with programmable
ramp-up and ramp-down. PWM_2 (shared with GPIO_15
and CONFIG_2) could be used as an additional PWM
driver port to control a third external LED.
•
ACCESS.bus address is selected by the CONFIG_1 and
CONFIG_2 inputs. These pins may also be used as GPIO
pins after reset initialization has occurred. If extra GPIO
pins are not needed, CONFIG_1 and CONFIG_2 may be
tied directly to V
CC and GND.
•
Crystal pins XTAL_IN and XTAL_OUT may be used to
connect to an external 32.768 kHz crystal or receive an
external 32.768 kHz clock input for running the PWM
peripheral. By default, the PWM is clocked by an on-chip
clock source.
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com