Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 10 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 10 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AN-087E Rev.1.0
April-2011
10
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
8. Characteristic curves
・Unless otherwise specified, Ta=25℃, Vcc=18V
・In defining a current, “+” represents a sink current and “-” a source current.
・The data stated in this chapter are intended for giving typical IC characteristics and not for guaranteeing performance.
Variation Ratio of Switching Frequency (delta fosc)
vs. VCC pin voltage (Vcc)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
10
15
20
25
30
Vcc (V)
Switching Frequency (fosc) vs. FB pin voltage
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
VFB (V)
FA5526 / 36
FA5527 / 37
FA5528 / 38
Maximum Duty Cycle (Dmax)
vs. Junction Temperature (Tj)
79.0
79.5
80.0
80.5
81.0
-40 -20
0
20
40
60
80 100 120 140
Tj
(degree)
Variation Ratio of Switching Frequency (delta fosc)
vs. Junction Temperature (Tj)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-40 -20
0
20
40
60
80
100 120 140
Tj (degree)
Minimum Switching Frequency (fmin) vs. Junction
Temperature (Tj)
0.0
0.5
1.0
1.5
2.0
-40
-20
0
20
40
60
80
100 120 140
Tj
(degree)
Minimum ON Width (Tmin)
vs. Junction Temperature (Tj)
200
300
400
500
600
700
800
-40
-20
0
20
40
60
80
100 120 140
Tj
(degree)
FA5528 / 38
FA5527 / 37
FA5526 / 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com