Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 21 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 21 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 17Page - Fuji Electric FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric FIP4F8S Datasheet HTML 21Page - Fuji Electric FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN-087E Rev.1.0
April-2011
21
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(10) Over-Voltage Protection of FA5526/27/28
FA5526, FA5527 and FA5528 have built-in over-voltage
protection circuits to monitor Vcc voltage. Fig.16 shows
its block diagram and Fig.17 its timing chart.
When VCC voltage increases and exceeds comparator
(OVP) reference voltage, 28V, an internal 1.3mA constant
current source is tuned on.
Since sink capability of the zener diode which clamps
the CS pin at 4V is 55uA, CS pin voltage quickly
increases when the 1mA constant current source is turned
on. When CS voltage exceeds comparator (Latch)
reference voltage, 8.5V, the IC changes to the latch mode.
The delay time td (OVP), the time from over-voltage
detection to the latch mode, is given as follows.
td (OVP) [ ms ] = 2.85 * Cs [ uF ]
( typical value )
Here, Cs is a capacitance connected to CS pin [ uF ].
In the latch mode, an internal power supply source, 5V
“Reg” circuit, is turned off and OUT pin voltage is held to
be low., and the current form the CS pin changes to 5µA.
The latch mode can be reset through decreasing Vcc
voltage due to cutting off of input voltage or through
forcibly decreasing CS pin voltage to 7.4V or less.
Moreover, pay attention to the relationship between wiring
at the VH pin and reset time in the latch mode.
(See “9-(1) Start-up circuit.”)
(11) Over-Voltage Protection of FA5536/37/38
FA5536, FA5537 and FA5538 have built-in over-voltage
protection ( OVP ) circuits to monitor Vcc voltage similar
to FA5526/27/28.
However, the OVP of FA5536/37/38 is Auto-Recovery
mode.
Therefore, when you need the OVP as latch mode, the
additional external circuit is necessary as mentioned on
page 28 to 29 ( See “10-(4)” ).
(12) Under-Voltage Lock-Out circuit
The IC has a built-in undervoltage lockout circuit to
prevent malfunction when Vcc voltage drops. When Vcc
voltage increases from 0V, the IC starts operation at Vcc =
15V (typ.). As the supply voltage decreases, the IC stops
operation at Vcc = 9V(typ.).
When the undervoltage lockout circuits operates and
the IC stops operation, OUT pin and CS pin voltage are
forced to be low, resetting soft start, and overload and
overvoltage timer latch protection.
ENB
5V
VCC
5V Reg.
UVLO
5V Reg.
ENB
UVLO
Q
S
R
F.F.
1
1.3mA
8.5V/7.7V
5
6
2
4.8V
2.8V
OUT
VCC
CS
FB
Overload
Latch
28V
OVP
Cs
Fig.16
Over Voltage protection circuit
( only for FA5526 / 5527 / 5528 )
Fig.17
Over-Voltage protection timing chart
( only for FA5526 / 5527 / 5528 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com