Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 7 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 7 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 3Page - Fuji Electric FIP4F8S Datasheet HTML 4Page - Fuji Electric FIP4F8S Datasheet HTML 5Page - Fuji Electric FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN-087E Rev.1.0
April-2011
7
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(2) Recommended operating conditions
Item
Symbol
MIN
TYP
MAX
Unit
Supply voltage
VCC
10
18
26
V
DC Voltage
VVH(DC)
80
450
V(DC)
VH pin voltage
AC Line
Voltage
VVH(AC)
80
288
V(AC)
VH pin series resistor
RVH
2.2
47
k ohm
CS pin capacitor
CCS
0.01
1
µF
VCC pin capacitor
CVCC
10
33
µF
(3) Electrical characteristics (Vcc=18V, Tj=25℃, unless otherwise specified)
Oscillator (FB pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
FA5526/36
117
130
143
FA5527/37
90
100
110
Oscillating frequency
Fosc
FB=3V
FA5528/38
54
60
66
kHz
Supply voltage stability
Fdv
Vcc = 10 to 26V
-2
2
%
Temperature stability
FdT
Ta = -30 to 85
℃
+0.025
%/
℃
FB pin voltage for starting
frequency variation
VfbM
0.95
1.05
1.15
V
FA5526/36
310
FA5527/37
240
Frequency reduction ratio
kf
⊿f/⊿VFB
at FB pin
=0.8V
to 0.9V
FA5528/38
140
kHz/V
FA5526/36
1.1
FA5527/37
1.1
Oscillating frequency
at light load
F06
FB pin
=0.6V
FA5528/38
1.1
kHz
Minimum frequency *1
Fmin
0.4
1.1
3.0
kHz
*1
The frequency become much smaller than 1.1kHz when intermittent switching occurs at light load near no load.
Pulse width modulator (FB pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Maximum duty cycle
DMAX
FB pin = 3V, CS pin = 3V
76
80
84
%
Minimum duty cycle
DMIN
FB pin = 0V, CS pin = 3V
0
%
FB voltage for pulse stop
VTHFB0
Duty cycle = 0%
200
280
360
mV
FB pin current
Ifb0
FB pin = 0V
-620
-520
-420
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com