Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 28 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 28 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AN-087E Rev.1.0
April-2011
28
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(5) When not using an overload protection
function
As shown in Fig.34, connect a resistor R3 of 18k ohm
between FB pin and GND.
As a result, FB pin voltage does not increase to the
threshold voltage for overload protection and the IC does
not change to the latch mode even at overload.
In this case, the latch protection for over-voltage is also
available.
(6) Correction of overload detection current
( Line Conversation )
If the power supply output becomes overload, the
current of the MOSFET is limited by the maximum
threshold voltage of the IS pin and power supply voltage
drops. If the state continues as it is, an overload protection
function operates to stop the IC in the latch mode. For
details of an overload protection function, see “9-(8)
Overload protection function.”
When the overload protection operates, the output
current of the power supply varies depending on the input
voltage; and the higher the input voltage is, the larger the
output current.
In such a case, connect R4 between the current
detection resistor Rs and IS pin, and add a correction
resistor R5 as shown in Fig.35. The typical resistance of
R5 is several hundreds of k ohm to several Meg ohm. Note
that the above correction slightly decreases the value of
overload current limit to stop the IC in the latch mode even
if input voltage is low.
Fig.33
Over Voltage protection (2) for FA5536/37/38
Fig.34
When not using overload protection
Fig.35
Correction of overload detection current
( Line Conversation )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com