Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 8 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 8 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 4Page - Fuji Electric FIP4F8S Datasheet HTML 5Page - Fuji Electric FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AN-087E Rev.1.0
April-2011
8
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Current sensor (IS pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Voltage gain
AvIS
⊿VFB/⊿VIS
3.8
4.0
4.2
V/V
Maximum threshold voltage
VthIS1
FB pin = 4V, duty = 10%
470
520
570
mV
FA5526/36
-24
FA5527/37
-17
Slope compensation value
SLP
FB pin=4V
FA5528/38
-12
mV/us
FA5526/36
0.3
FA5527/37
0.5
Minimum ON pulse width
Tmin
FB pin=3V
CS pin=0V
IS pin=1V
FA5528/38
0.7
us
FA5526/36
0.2
FA5527/37
0.4
Blanking time
Tblank
FA5528/38
0.6
us
Output delay time
TpdIS
IS pin to OUT pin
100
ns
Soft-start circuit (CS pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Charging current
ICS0
CS pin = 0V
-15
-11
-5
uA
Threshold voltage for
changing charging current
VTHCS1
Ics = -12
 -4
µA
3
V
Input threshold voltage
VTHCS0
OUT pin width = Tmin,
FB pin = 3V
0.68
V
Over Current Protection circuit (CS pin) : Latch OFF for FA5526/27/28 and Auto-Recovery for FA5536/37/38
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Charging current
ICS4
CS pin = 4V
-6
-4
-2
uA
Sink current
Isink
CS pin = 6V
34
59
84
uA
VTHCSF
ON
→OFF
8.0
8.5
9.0
V
Cutoff threshold voltage
VTHCSN
OFF
→ON
7.4
7.9
8.4
V
Hysteresis width
VTHHYS
VTHCSF - VTHCSN
0.6
V
Clamp voltage at latch mode
VCS2
FB pin : open
8.9
V
Cutoff circuit at overload (FB pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Detection threshold voltage
VTHFB
3.3
3.6
3.9
V
Cutoff circuit at overvoltage (VCC pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Threshold voltage
VTHVCC
26
28
30
V
CS pin charging current
ISOCS2
CS pin = 4V
-1.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com