Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 22 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 22 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric FIP4F8S Datasheet HTML 21Page - Fuji Electric FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AN-087E Rev.1.0
April-2011
22
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(13) Output circuit
The output circuit consists of push-pull configuration, capable of directly driving a MOSFET. The maximum peak
currents at the OUT pin are 0.25A for source current and 0.5A for sink current.
If the IC stops operation when the under-voltage lockout circuit operates or in the latch mode, OUT pin voltage is
forced to be low to shut down the MOSFET.
(14) Timing chart
Oscillator (OSC)
Trigger (T) Output
Blanking
CLR Signal
Blanking
Output signal
(set pulse)
FB pin
Voltage
IS pin
Voltage
IS comp. output
(reset pulse)
FF
“Q” output
OSC
Q output
OUT pin
Output voltage
Blanking Time
Fig.18
Timing chart at steady operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com