Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 13 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 13 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric FIP4F8S Datasheet HTML 15Page - Fuji Electric FIP4F8S Datasheet HTML 16Page - Fuji Electric FIP4F8S Datasheet HTML 17Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN-087E Rev.1.0
April-2011
13
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Start-up Circuit VCC pin Source Current (Ipre)
vs. VCC pin voltage (Vcc)
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
0
5
10
15
Vcc (V)
VVH = 100V
Start-up Circuit VCC pin Source Current
vs. VH pin voltage (VVH)
-7.4
-7.2
-7
-6.8
-6.6
-6.4
-6.2
-6
0
100
200
300
400
500
VVH (V)
Vcc = 0V
IS pin threshold voltage (Vthis) vs. Duty Cycle(D)
at FB pin = 3V for FA5528/5538
0.30
0.35
0.40
0.45
0.50
0
10
20
30
40
50
60
70
80
D (%)
FB=3V
Start-up Circuit VCC pin Source Current (Ipre)
vs. Junction Temperature (Tj)
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-40
-20
0
20
40
60
80
100 120 140
Tj (degree)
VVH = 100V
Vcc = 0V
IS pin threshold voltage (Vthis) vs. Duty Cycle
at FB pin = 4V and CS pin = 4V
0.40
0.45
0.50
0.55
0.60
0
10
20
30
40
50
60
70
80
D (%)
FB=4V
CS=4V
IS pin threshold voltage (Vthis) vs. DutyCycle(D)
at FB pin = 2V for FA5528/5538
0.10
0.15
0.20
0.25
0.30
0
10
20
30
40
50
60
70
80
D (%)
FB=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com