Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 32 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 32 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric FIP4F8S Datasheet HTML 33Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AN-087E Rev.1.0
April-2011
32
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(Reference)
Sub-harmonic oscillation and slope
compensation
In
a
peak-value-control current
mode,
when
the
converter operates in an inductor-current continuous mode
and at duty cycle of 50% or more, the current may oscillate
at an integral multiple of switching frequency. This
oscillation is called subharmonic oscillation.
Fig. 43 shows an example of inductor current waveform
when a subharmonic oscillation occurs.
It is found that ON and OFF periods vary while the peak
value of an inductor current, switching cycle and current
slopes during ON and OFF periods remain unchanged.
The harmonic oscillation may increase ripple voltage
contained in the output voltage or cause an unusual noise.
The subharmonic oscillation can be prevented by giving
a certain gradient to the threshold of the peak current as
shown in Fig. 44. This is called slope compensation.
Generally, the gradient of slope compensation required
for preventing a subharmonic oscillation is given by the
following relational expression:
2
Lu
Ld
Kc
Here,
Lu:Gradient of an inductor current during the ON period
Ld:Gradient of an inductor current during the OFF period
Kc:Gradient of slope compensation
The above parameters are shown in Fig.45.
Fig.43
Inductor current without slope compensation
Fig.44
Inductor current with slope compensation
Fig.45
Inductor current without slope compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com