Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 33 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 33 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric FIP4F8S Datasheet HTML 33Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
AN-087E Rev.1.0
April-2011
33
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
11. Example of an application circuit
The following circuit is common to both of FA5528 and FA5538. FA5526/27/28/36/37/38 can be used for same
topology
except the protection circuit and the transformer design which depends on switching frequency.
Note :
The example of an application circuit is intended to be used only for reference and not to guarantee performance or
characteristics.
Input power at no-load
0
50
100
150
200
250
50
100
150
200
250
300
Line Voltage (Vac)
Efficiency (Io=5A)
81
82
83
84
85
86
87
88
89
90
50
100
150
200
250
300
Line voltage (Vac)
Switching frequency at no-load
0
5
10
15
20
25
50
100
150
200
250
300
Line voltage (Vac)
Over Current Protection vs. AC Line Voltage
4.0
4.5
5.0
5.5
6.0
6.5
7.0
80
100 120 140 160 180 200 220 240 260 280
AC Line Voltage ( V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com