Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 9 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 9 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 5Page - Fuji Electric FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN-087E Rev.1.0
April-2011
9
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Malfunction-protective circuit at low voltage (VCC pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
ON threshold voltage
VCCON
13.2
15.0
16.8
V
OFF threshold voltage
VCCOFF
8.0
9.0
10.0
V
Hysteresis width
VHYS
VCCON - VCCOFF
4.5
6.0
7.5
V
Output section (OUT pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
Low output voltage
VOL
IOL = 100mA
0.5
1.0
V
High output voltage
VOH
IOH = -100mA, VCC = 18V
14.8
16.4
V
Rise time
tr
C(Load) = 1nF
37
ns
Fall time
tf
C(Load) = 1nF
59
ns
High voltage input section (VH pin, VCC pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
IHrun
VH pin = 450V,
Vcc> Vccon
12
25
37
uA
VH pin input current
IHstb
VH pin = 100V, Vcc = 0V
7.0
mA
VCC voltage in latch mode
VCCL
VH pin = 100V
23
V
Ipre1
Vcc = 10V,
VH pin = 100V
at start-up or protection
mode ( OCP, OVP )
-6.6
-4.0
mA
VCC pin charging current
Ipre2
Vcc = 13V,
VH pin = 100V
at start-up or protection
mode ( OCP, OVP )
-6.5
-3.5
mA
Consumption current (VCC pin)
Item
Symbol
Condition
MIN
TYP
MAX
Unit
FA5526/36
1.6
2.4
FA5527/37
1.5
2.2
ICCOP1
Duty cycle
= DMAX,
FB pin
=3V,
no load
FA5528/38
1.4
2.0
mA
Supply current during
operation
ICCOP2
Duty cycle = 0%,
FB pin = 0V
1.6
2.4
mA
Consumption current in
latch mode
ICCL
FB pin, CS pin : open
290
400
uA
Zener voltage
Vz
Iz = 2mA
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com