Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 4 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 4 Page - Fuji Electric

  FIP4F8S Datasheet HTML 1Page - Fuji Electric FIP4F8S Datasheet HTML 2Page - Fuji Electric FIP4F8S Datasheet HTML 3Page - Fuji Electric FIP4F8S Datasheet HTML 4Page - Fuji Electric FIP4F8S Datasheet HTML 5Page - Fuji Electric FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AN-087E Rev.1.0
April-2011
4
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
1. Outline
FA5526/27/28/36/37/38 series are current-mode switching power control ICs that can directly drive power MOSFETs.
Low-power dissipation is achieved due to adoption of high break-down voltage CMOS process. In addition, stand-by power
consumption can substantially be reduced due to a built-in start-up circuit. Many functions are incorporated in an eight pin
package, reducing the number of external parts and allowing compact and high cost performance power supply
2. Features
▪ Built-in start-up circuit of 500V break-down voltage that is cut off after start-up (input current after cutoff: 25µA (typ.))
▪ Low power dissipation due to adoption of high break-down voltage CMOS process
Supply Current in Operating Mode : 1.4mA (typ.)
( for FA5528 and FA5538 )
▪ Built-in frequency-decreasing function at light load
▪ Oscillating frequency
FA5526/5536 : 130kHz(typ.), FA5527/5537 : 100kHz(typ.), FA5528/5538 : 60kHz(typ.)
▪ Built-in latch-mode cutoff function of overload ( over current ) for FA5526/5527/5528
▪ Built-in Auto-Recovery cutoff function of overload ( over current ) for FA5536/5537/5538
▪ Built-in latch-mode cutoff function of over-voltage for 28V(typ.) at VCC pin for FA5526/5527/5528.
▪ Built-in Auto-Recovery-mode cutoff function of over-voltage for 28V(typ.) at VCC pin for FA5536/5537/5538.
▪ Built-in Under Voltage Lock-Out for VCC pin (15V : ON, 9V : OFF)
▪ 8 pins package(DIP / SO)
3. External dimension diagram
Unit:mm
SO-8
(FA5526N/27N/28N/36N/37N/38N)
DIP-8
(FA5526P/27P/28P/36P/37P/38P)
0.40±0.1
0°
-8
°
1.27
0.20
4.9±0.1
1
4
5
8
4
5
0.25+
0.1/-0.0
5
7.6
1.5±0.3
8
1
1.0±0.3
0.5±0.1
0-15
°
2.54
9.4
2.54×3=7.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com