Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 6 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 6 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 2Page - Fuji Electric FIP4F8S Datasheet HTML 3Page - Fuji Electric FIP4F8S Datasheet HTML 4Page - Fuji Electric FIP4F8S Datasheet HTML 5Page - Fuji Electric FIP4F8S Datasheet HTML 6Page - Fuji Electric FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AN-087E Rev.1.0
April-2011
6
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
6. Line-up of FA5526/27/28/36/37/38 series
Type
Switching Frequency (kHz)
Over Current Protection
Package
FA5526P/N
130 (typ.)
Latch with adjustable delay time
DIP-8/SO-8
FA5527P/N
100 (typ.)
Latch with adjustable delay time
DIP-8/SO-8
FA5528P/N
60 (typ.)
Latch with adjustable delay time
DIP-8/SO-8
FA5536P/N
130 (typ.)
Auto-Recovery
DIP-8/SO-8
FA5537P/N
100 (typ.)
Auto-Recovery
DIP-8/SO-8
FA5538P/N
60 (typ.)
Auto-Recovery
DIP-8/SO-8
7. Ratings and characteristics
*In defining a current, “+” represents a sink current and “-” a source current.
(1) Absolute maximum ratings
Item
Symbol
Rating
Unit
Low impedance source
(Icc>15mA)
VCC1
28
V
Supply
voltage
Built-in Zener clamp
(Icc<15mA)
VCC2
Self Limiting
V
IOH
-0.3
A
OUT pin peak current
IOL
+0.6
A
OUT pin voltage
VOUT
-0.3
to VCC+0.3
V
FB/ IS pin voltage
VLT
-0.3
to 5.0
V
CS pin sink current
ICS
2.0
mA
CS pin minimum voltage
VCSL
-0.3
V
VH pin Voltage
VVH
-0.3
to 500
V
Total power dissipation (Ta=25℃)
Pd
800 (DIP-8)
400 (SO-8)
mW
Ambient temperature
Ta
-30
to +85
degree
Maximum junction temperature
Tj
125
degree
Storage temperature
Tstg
-40
to +150
degree
Permissible power dissipation decreasing characteristics
-30
25
85
125
400mW(SO)
800mW(DIP)
0
Ambient temperature Ta (
℃ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com