Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIP4F8S Datasheet(PDF) 29 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 29 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric FIP4F8S Datasheet HTML 33Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN-087E Rev.1.0
April-2011
29
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(7) Improvement of input power at light load
This IC is provided with a function to lower switching
frequency at light load in order to reduce power dissipation.
However,
depending
on
the
circuit
used,
switching
frequency cannot be sufficiently reduced, leading to
insufficient reduction of power dissipation at light load.
In such a case, connect R6 between the auxiliary winding
and the IS pin as shown in Fig.36. When R4 is 1k ohm, R6
is several hundreds of k ohm to 1Meg ohm. The smaller the
R6 is, the lower the switching frequency at light load.
However, negative voltage is applied to the IS pin due to
R6 for some time while MOSFET is ON. Be aware that the
negative voltage shall not be lower than absolute maximum
rationg,-0.3V.
In addition, when switching frequency is set too low at
light load, transformer or other apparatus may produce
noise.
(8) Prevention of malfunction caused by noise
This IC is an analog IC, and noise applied to anyone of
the pins may cause malfunction. If malfunction is detected,
use the IC through referring to the following description and
fully checking a power supply unit.
In addition, arrange the capacitors connected to pins as
close to the IC as possible and take great care of wiring, for
effective noise suppression.
(8-1) FB pin
The FB pin sets the threshold voltage of the current
comparator. Any noise applied to the FB pin may disturb
output pulses. Usually the capacitor C5 is connected as
shown in Fig.37 to suppress noise.
(8-2) IS pin
As described in “9.-(4) Blanking,” this IC has a blanking
function, and malfunction caused by a surge current
produced at turn-on of the MOSFET is hard to occur.
A malfunction, however, may occur when a surge current
is excessively large or when any noise is externally applied
at other than turn-off.
In such a case, add a CR filter to the IS pin as shown in
Fig.38.
(8-3) VCC pin
Relatively large noise may occur at the VCC pin because
a large current flows from the VCC pin at the instant of
driving the MOSFET. If noise is excessively large, a
malfunction may occur of the IC. Pay full attention to
capacitance and characteristics of the capacitor between
the VCC pin and GND to reduce noise as much as possible.
Fig.36
Input power improvement circuit at light load
Fig.37
Prevention of malfunction caused by noise
(FB pin)
Fig.38
Prevention of malfunction caused by noise
(IS pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com