Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 6 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 6 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 2Page - Ramtron International Corporation WM72016 Datasheet HTML 3Page - Ramtron International Corporation WM72016 Datasheet HTML 4Page - Ramtron International Corporation WM72016 Datasheet HTML 5Page - Ramtron International Corporation WM72016 Datasheet HTML 6Page - Ramtron International Corporation WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 6 of 32
INTERROGATOR
TAG
MaxArias Write Cycle
QURY
(240u)
SELECT
(385u)
ACK
(175u)
REQRN
(345u)
EPC
(228u)
WRITE
(495u)
RN
(53u)
HANDLE
(78u)
WR_OK
(80u)
REQRN
(345u)
RN16
(78u)
EE
PR
OM
writ
e d
ela
y!
Ch
arg
e p
um
p &
EE
soa
k tim
e
EEPROM-based Write Cycle
4ms
Figure 3. Gen2 Memory Write Cycle Comparison: F-RAM vs. EEPROM Memories
RESERVED: KILL Password:
The kill password provides a mechanism to permanently disable the WM72016 RFID from responding to any
and all Gen2 interrogator commands. The mandatory KILL command can be issued by a RFID interrogator in
either the OPEN or SECURED states. The WM72016 is permanently killed through a four-instruction
sequence of REQRN and KILL commands as detailed in the Gen2 standard. The KILL password is a 32-bit
value stored as 2 16-bit data words in reserved memory. The most significant KILL password is stored in
reserved memory bank address 0x00 with the least significant word stored in reserved memory bank address
0x01. The kill function can be permanently disabled by setting both KILL password words to 0x0000, and
permanently locking the KILL password in the reserved memory bank. Once the kill password has been set, it
should be permanently locked using the LOCK command. The WM72016 is shipped from the factory with the
kill password memory unlocked. The kill state of the device only affects the Gen2 RFID processor – the DSPI
serial port will continue to function normally.
RESERVED: ACCESS Password:
The access password provides a security mechanism to prevent unauthorized RFID interrogators from writing
to WM72016 memory. Non-zero access passwords require the WM72016 be placed in the SECURED state
prior to writing to it. This is accomplished through a four-instruction sequence of REQRN and ACCESS
commands as described in the Gen2 standard.
An access password with a value of zero requires no
authentication prior to writing to WM72016 memory. The ACCESS password is a 32-bit value stored as two
16-bit data words in reserved memory. The most significant ACCESS password is stored in reserved memory
bank address 0x02 with the least significant word stored in reserved memory bank address 0x03. Once the
access password has been set, it should be permanently locked using the LOCK command. The WM72016 is
shipped from the factory with the access password memory unlocked. The value of the access password has no
effect on the functionality of the DSPI serial port.
EPC Memory Bank:
The EPC memory bank accommodates 8 words: 1 protocol control (PC) word, a 6-word (96-bit) memory space
for an EPC identifier, and a 1-word CRC. The CRC word is calculated as part of the WM72016 power-on
initialization routine and written into the EPC memory bank address 0x00. The PC and 6-word EPC identifier
are completely programmable. The Protocol Control field is shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com