Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 1 Page - Ramtron International Corporation

  WM72016 Datasheet HTML 1Page - Ramtron International Corporation WM72016 Datasheet HTML 2Page - Ramtron International Corporation WM72016 Datasheet HTML 3Page - Ramtron International Corporation WM72016 Datasheet HTML 4Page - Ramtron International Corporation WM72016 Datasheet HTML 5Page - Ramtron International Corporation WM72016 Datasheet HTML 6Page - Ramtron International Corporation WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary
This is a product that has fixed target specifications but are
Ramtron International Corporation
subject to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 1.4
May 2011
Page 1 of 32
WM72016
16Kbit Secure F-RAM Memory with Gen-2 RFID
Access & Serial Port Direct Memory Access
DESCRIPTION
The WM72016 is a RFID transponder IC with
nonvolatile
memory
employing
an
advanced
ferroelectric process. A ferroelectric random access
memory, or F-RAM, is nonvolatile and performs
reads and writes like a RAM. It provides reliable data
retention
for
20
years
while
eliminating
the
complexities, overhead, and system level reliability
problems caused by EEPROM and other nonvolatile
memories.
Unlike EEPROM‟s, the WM72016 write operations
are zero power – there is no power or speed premium
paid for executing writes into the WM72016 as
compared to read power and speed. Operation of the
memory is fully symmetric: it has an equivalent read
and write range.
The WM72016‟s RFID interface is compatible with
the EPC Class-1 Generation-2 UHF RFID Protocol
for Communications at 860 MHz – 960 MHz,
Version 1.2.0 Specification for RFID Air Interface.
The WM72016 is a two chip configuration offered in
various forms: standard IC package or wafers. All
specifications discussed herein are applicable to the
combined chipset operation.
Figure 1. System Block Diagram
FEATURES
16 Kbit Ferroelectric Nonvolatile RAM
Organized as 1024 x 16 bits
Very High Read/Write Endurance (> 10
14)
20-Year Data Retention
Gamma Stability Demonstrated to > 30 kGy
Symmetric Read/Write Operation
Advanced High-Reliability Ferroelectric Process
Interface and Security Features
EPC
Class
1
Gen2
(ISO18000-6C)
RFID
Compatible Interface (revision 1.2.0)
192-Bit Memory: 96-Bit Electronic Product
Code™ (EPC), 32-Bit Access Password, 32-Bit
KILL Password, 64-Bit TID Memory (Factory
Programmed and Locked)
Inventory, Read, Write and Erase features
Kill Command
Block Permalock Command
Access Command
UHF carrier frequencies from 860 MHz to 960
MHz ISM band, ASK demodulation
Tag-to-reader link frequencies up to 640Kbps
Reader-to-tag asymptotical transmission rates up
to 128Kbps
Supports FM0 and MMS data encoding formats
Serial Port Interface
Custom Features
Stored Address Pointer to Improve Data Write
Speed
Stored Address Pointer Lock
Block Write Command
Variable USER memory block size support
Interrupt Generation
Ultra Low Power Operation
Memory Read/Write Sensitivity: < -6 dBm (typ.)
Industry Standard Configurations
Industrial Temperature -40 C to +85 C
Bumped Wafers
8-pin UDFN
WM72016
RFID Tag
with F-RAM
RFID
Reader
(Class-1
Gen-2)


Similar Part No. - WM72016

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM72016-6-DGTR CYPRESS-WM72016-6-DGTR Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM72016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68440 MOTOROLA-MC68440 Datasheet
978Kb / 38P
Dual-Channel Direct Memory Access Controller
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
Direct Memory Access Controller
logo
Zilog, Inc.
Z8410 ZILOG-Z8410 Datasheet
916Kb / 25P
Z80 DMA Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
DIRECT MEMORY ACCESS CONTROLLER
logo
Hitachi Semiconductor
HD68450 HITACHI-HD68450 Datasheet
2Mb / 47P
Direct Memory Access Controller(NMOS)
logo
Ramtron International C...
WM71004 RAMTRON-WM71004 Datasheet
382Kb / 24P
4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Zilog, Inc.
Z84C1008PEG ZILOG-Z84C1008PEG Datasheet
924Kb / 25P
Z80 DMA Direct Memory Access Controller
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
Soft Direct Memory Access (SDMA) support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com