Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation WM72016 Datasheet HTML 12Page - Ramtron International Corporation WM72016 Datasheet HTML 13Page - Ramtron International Corporation WM72016 Datasheet HTML 14Page - Ramtron International Corporation WM72016 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 11 of 32
Upon power up, WM72016‟s control logic reads the control word out of memory and configures itself
accordingly. User applications may change the control word as needed providing the register has not been
permanently locked. The Control/Status word may be read by the application at any time.
Register Locking: The LOCK and PERMALOCK control bits are implemented in a similar manner as locking
bits used for Gen2 memory bank locking with the exception that the lock control bits are incorporated into the
register they are locking. As such, attention needs to be placed on how the contents of the Control/Status word
are written when the register is not completely unlocked.
Table 4: Control/Status Word Locking
LOCK
PERMA-
LOCK
Description
0
0
Register unlocked. All control bits, including the LOCK and PERMALOCK bits can
be written to from the OPEN or SECURED states.
0
1
Register permanently unlocked. All control bits can be written from the OPEN or
SECURED states. The LOCK and PERMALOCK bits must be set to logic values 0
and 1 respectively when writing the Control/Status word.
1
0
Register locked. All control bits can be written to only from the SECURED state.
The register cannot be written to in the OPEN state. The LOCK and PERMALOCK
bits must be set to logic values 1 and 0 respectively when writing the Control/Status
word.
1
1
Register permanently locked. The register cannot be written in any circumstance.
Block Write Enable: The BLKWREN control bit enables usage of the WM72016 custom command
BLOCKWRITE. The BLKWREN parameter is internally updated during power-on WM72016 initialization.
In the event the host application toggles the state of BLKWREN either through the Gen2 or serial interfaces, a
WM72016 power cycle is required to reflect the change.
Block Size: The 3 BLKSIZ[2:0] control bits adjust the USER memory block sizes as shown in Table 5. This
provides a host application the ultimate flexibility in determining a balance between the USER memory
requirements and the granularity of the number of USER memory words per block. The larger the granularity
of the block size, the greater amount of available USER memory. The effect of the block size on available
USER memory is shown in Table 1. The total number of USER memory words available as a function of the
block size is shown in Table 5 below. It is of utmost importance that the 3-bit block size is not modified once
set, which would otherwise result in corruption of block permalock status bits.
Table 5: Available USER Memory
Memory
BLKSIZ
Words/Block
Free USER Memory
(words)
16k
000
1
931
16k
001
2
963
16k
010
4
979
16k
011
8
987
16k
100
16
991
16k
101
32
993
16k
110
64
993
16k
111
128
993
Wrap Status: The WRPSTAT status bit is asserted to a logic one when the following conditions are true:
(a) WRPEN=1, AUTOINCR=1 and AUTOLOCK=0,
(b) The contents of the Working Stored Address register address the last USER memory location, and
(c) An unaddressed WRITE command is received.
The WRPSTAT can be cleared by the RFID interrogator by writing a logic zero to the WRPSTAT bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com