| Electronic Components Datasheet Search |
|
WM72016 Datasheet(PDF) 21 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
WM72016 Datasheet(HTML) 21 Page - Ramtron International Corporation |
|
21 / 32 page ![]() WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port Rev. 1.4 May 2011 Page 21 of 32 tWD tCSH tHD tCLK tSU tCSD d14 d12 d10 d8 d6 d4 d2 d0 OP4 OP2 OP0 a8 a6 a4 a2 a0 d15 d13 d11 d9 d7 d5 d3 d1 WR OP3 OP1 a9 a7 a5 a3 a1 CS D0 D1 CLK Figure 21. DSPI Write Cycle Detail Note: In the event of a simultaneous memory access, the RFID request will take priority over the secondary DSPI serial interface. MICROCONTROLLER INTERRUPTS The WM72016 is capable of generating interrupts initiated by a RFID interrogator to a microcontroller on the serial port. Interrupt generation provides a mechanism to alert a host microcontroller that a RFID interrogator is present and to take control of the memory with no possibility of interruption from the RFID interface. During an interrupt, all RFID commands are disregarded until an INTEND DSPI command is received to terminate the interrupt and return control back to the RFID interface. An interrupt is generated from the WM72016 to the host by writing two standard Gen2 write cycles to USER memory addresses 0x004 and 0x005. The XOR operation of the two data words written to the two respective addresses must equal 0x1234. As with all Gen2 write commands, the WM72016 must be in the OPEN or SECURED state prior to executing the write command sequence. Should the WM72016 RFID have a non- zero ACCESS password, the device must be transitioned to the SECURED state by correctly accessing the tag with the device‟s ACCESS password. The RFID interrogator then transmits two cover-coded WRITE commands to USER memory addresses 0x004 and 0x005 whose two data words when XORed together result in a value of 0x1234. A correct sequence of the WRITE commands will result in the WM72016 asserting an interrupt by driving the DSPI CS high. Upon detection of a high state on the CS signal, the host microcontroller drives two clock cycles on the DSPI CLK to acknowledge and clear the WM72016 interrupt. The host microcontroller now has full and uninhibited access to the WM72016 memory. Any attempted access by a RFID interrogator during this period will be disregarded until one of two conditions has occurred: The host microcontroller has released control of the WM72016 memory by writing an instruction with the INTEND opcode, or The WM72016 has been power-cycled. The entire interrupt generation sequence is shown in Figure 22. Note that the values x1200 and x0034 shown in Figure 22 are shown for illustration purposes only – any two values whose XOR operation results in a value of x1234 will generate a DSPI interrupt. The host microcontroller releases its control of the WM72016 memory by writing an instruction with an INTEND opcode refer to Table 9. The contents of the DSPI write data word payload that follows the instruction word are ignored but must be present to constitute a valid DSPI command. NOTE: Should the outcome of two write cycles to USER memory locations 0x004 and 0x005 result in a XOR value that is not 0x1234, the interrupt mechanism will be disabled until the WM72016 has been power-cycled. In this case, the two memory locations may be used as standard USER memory, however any future use of these memory locations may potentially generate an unintended interrupt – as such, it is not recommended to use these memory locations as part of the standard USER memory bank. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |