Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 12 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 12 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation WM72016 Datasheet HTML 12Page - Ramtron International Corporation WM72016 Datasheet HTML 13Page - Ramtron International Corporation WM72016 Datasheet HTML 14Page - Ramtron International Corporation WM72016 Datasheet HTML 15Page - Ramtron International Corporation WM72016 Datasheet HTML 16Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 12 of 32
Wrap Enable: Asserting the WRPEN control bit to a logic one enables the USER memory wrapping feature.
The wrap enable feature allows the stored address pointer to wrap back to the factory-set initial stored address
value of 0x006. In this manner, the WM72016 memory acts as a circular buffer. Clearing the WRPEN control
bit disables wrapping resulting in a write-once memory.
In this case, when the Working Stored Address
reaches the end of user memory, no additional unaddressed write cycles will be possible. The WRPEN and
AUTOLOCK control bits are mutually exclusive – only one of the two control bits may be asserted at any
given time.
Auto Lock Enable: Asserting the AUTOLOCK control bit to a logic one enables memory locking of the USER
memory span between the start of USER memory and the Working Stored Address. The AUTOLOCK and
WRPEN control bits are mutually exclusive – only one of the two control bits may be asserted at any given
time. The automatic locking feature can only be used when AUTOINCR is asserted to a logic one.
Auto Increment: Asserting AUTOINCR control bit to a logic one enables the Working Stored Address
increment function. Upon receiving an unaddressed write cycle, the WM72016 increments the pointer stored
in the Working Stored Address register to point to the next free memory location then writes the cover-coded
data word to the respective memory location.
This functionality removes any requirement for a RFID
interrogator to determine where free USER memory is located and manipulating the memory pointer itself.
WORKING STORED ADDRESS
To better utilize the F-RAM‟s fast write capability, memory has been architected using an optional Working
Stored Address register. The stored address function enables automation of the storage of large blocks of user
data, such as pedigree or tracking information. This feature enables a RFID interrogator the ability to use a
standard Gen2 WRITE command using a designated address of 0x3FFF (0xFF7F EBV-formatted) as a redirect
pointer to use the contents of the Working Stored Address register – this is referred to as an unaddressed write
(UNADDR_WRITE). The Working Stored Address is a USER memory address pointer used to address the
first available USER memory data word as shown in Figure 12. The Working Stored Address is a read/write
register located at address 0x003 in USER memory. It may be used to address USER memory only – it is an
address pointer to a memory location within the USER memory bank and cannot be used to address other
memory banks or memory regions in the WM72016. It may be manually updated by simply writing to USER
memory address 0x003 or will automatically increment when the AUTOINCR control bit in the Control/Status
register is asserted to a logic one and an unaddressed write command is received.
LCK
INIT
EN
RFU
ADDR[9:0]
PLCK
Figure 11. Working Stored Address Register
Table 6: Working Stored Address – Bit Definitions
Bit
Mnemonic
Function
Initial
Value
15
LOCK
Memory locking of this register.
LOCK
PERMALOCK
DESCRIPTION
0
0
Register unlocked
0
1
Register permanently unlocked
1
0
Register writeable only from the
SECURED state
1
1
Register permanently locked
0
14
PERMALOCK
0
13:11
RFU
Reserved for future use
0
10
INITEN
When asserted to a logic ‘1’, sets the contents of the Initial Stored
Address register with the value defined in the 10-bit address field in bits
9 through 0 written to this register using a Gen2 write instruction.
0
9:0
ADDR
Working stored address pointer
006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com