Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 26 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 26 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 22Page - Ramtron International Corporation WM72016 Datasheet HTML 23Page - Ramtron International Corporation WM72016 Datasheet HTML 24Page - Ramtron International Corporation WM72016 Datasheet HTML 25Page - Ramtron International Corporation WM72016 Datasheet HTML 26Page - Ramtron International Corporation WM72016 Datasheet HTML 27Page - Ramtron International Corporation WM72016 Datasheet HTML 28Page - Ramtron International Corporation WM72016 Datasheet HTML 29Page - Ramtron International Corporation WM72016 Datasheet HTML 30Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 26 of 32
DSPI Serial Port DC Characteristics (TA = -40C to + 85C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDDR,
VDDRAW
Power Supply Pins
2.1
2.5
3.0
V
1
IDD
Power Supply Operating Current
15
25
µA
VIL
Input Low Voltage
-0.3
0.3 VDDR
V
VIH
Input High Voltage
0.7 VDDR
VDDR+0.3
V
VOL
Output Low Voltage
-
0.3
V
VOH
Output High Voltage
VDDR - 0.3
-
V
NOTES:
1.
Measured at the pin.
DSPI Serial Port AC Characteristics (TA = -40C to + 85C, VDD = 2.1V to 3.0V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
tPSU
VDDR Setup Time
1.5
-
ms
tPH
VDDR Hold Time
0
-
ns
tCSD
Chip Select Setup to Data Valid Time
10
-
ns
tCSH
Chip Select Hold Time
10
-
ns
tSU
Data Setup Time
10
tCLK/2 - 10
ns
tHD
Data Hold Time
10
-
ns
tDD
Read Data Valid Time
600
ns
tCLK
Clock Period
1.6
-
µs
tWD
Instruction to Data Word Timing
tCLK/2
-
tACK
Interrupt Acknowledge Setup Time
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com