Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 20 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 20 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 16Page - Ramtron International Corporation WM72016 Datasheet HTML 17Page - Ramtron International Corporation WM72016 Datasheet HTML 18Page - Ramtron International Corporation WM72016 Datasheet HTML 19Page - Ramtron International Corporation WM72016 Datasheet HTML 20Page - Ramtron International Corporation WM72016 Datasheet HTML 21Page - Ramtron International Corporation WM72016 Datasheet HTML 22Page - Ramtron International Corporation WM72016 Datasheet HTML 23Page - Ramtron International Corporation WM72016 Datasheet HTML 24Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 20 of 32
Table 8: DSPI Instruction Word
Signal
Mnemonic
Bit
Description
Read/Write
RW
15
Read/Write Control. RW is asserted to logic „1‟ for a read
cycle. RW is cleared to logic „0‟ for write cycle.
Opcode
OP
14..10
Instruction opcode.
Address
A
9..0
MaxArias physical memory address.
The read/write bit (RW) sets the data direction of the subsequent data word(s). On write cycles, the host
continues to drives the DSPI bus with data words. The MaxArias WM72016 uses the rising edge of CLK to
register data presented on D0 and D1. On read cycles, the host drives the DSPI bus with the instruction word,
then tri-states the D0 and D1 signals while receiving data from MaxArias memory.
The opcode (OP) parameter is a 5-bit value that can take on the following values shown in Table 9.
Table 9: DSPI Opcode Values
Mnemonic
OPCODE[4:0]
Description
NORM
11001
Normal read/write instruction.
INTEND
11101
Interrupt end instruction.
-
Others
RESERVED
Two instruction opcodes available in the WM72016 are:
1.
NORM – normal opcode for all read/write instructions, and
2.
INTEND – DSPI serial port control register opcode.
The address parameter of the DSPI instruction word is a 10-bit value capable of addressing the entire
WM72016 1024-word physical memory. Physical memory addressing is shown in the left-most column in
Table 1. In the event that memory arbitration is required between the RFID and serial interfaces, the RFID
interface will always have priority. The only exception to this rule is WM72016 interrupt generation, during
which time the serial port has full control over the memory. Care needs to be taken to ensure that reserved
memory required to store critical parameters for the operation of the device are not altered.
DSPI Data Streaming
Data may be streamed into the WM72016 (write cycles) or out of WM72016 (read cycles) using a single
instruction word and 2 or more consecutive data words as shown in Figure 21. The example shown in the
figure depicts n+1 data words. The host microcontroller initiates the read or write instruction in the same
manner as detailed earlier: the CS signal is asserted, followed by 8 CLK cycles to shift the instruction word
and 8 CLK cycles to shift the data word. From this point forward, each set of 8 CLK cycles is used to read or
write the next WM72016 memory location.
While the CS signal remains at a logic one, the WM72016
automatically increments an internal address pointer after every data word cycle has completed. The state of
the AUTOINCR bit in the Control/Status register and the contents of the Working Stored Address have no
impact on DSPI data streaming. Likewise, AUTOINCR and the Working Stored Address register are not
affected by DSPI serial port data streaming. The data streaming cycle is terminated once CS has been cleared
to a logic zero. The DSPI streaming capability removes the requirement for multiple instruction words, greatly
improving bandwidth requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com