Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 30 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 30 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 24Page - Ramtron International Corporation WM72016 Datasheet HTML 25Page - Ramtron International Corporation WM72016 Datasheet HTML 26Page - Ramtron International Corporation WM72016 Datasheet HTML 27Page - Ramtron International Corporation WM72016 Datasheet HTML 28Page - Ramtron International Corporation WM72016 Datasheet HTML 29Page - Ramtron International Corporation WM72016 Datasheet HTML 30Page - Ramtron International Corporation WM72016 Datasheet HTML 31Page - Ramtron International Corporation WM72016 Datasheet HTML 32Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 30 of 32
MECHANICAL DRAWINGS
8-pin UDFN (3.0 mm x 3.0 mm body, 0.65 mm pad pitch)
Note: All dimensions in millimeters.
Care must be taken to ensure PCB traces and vias are not
placed within the exposed metal pad area.
UDFN PACKAGE MARKING SCHEME FOR BODY SIZE 3mm X 3mm
Legend:
XXXXXXX= base part number (WM72016)
LLLLLLLL= lot code
R=revision, P=package (D=DFN), N=split designator (numeric)
RIC=Ramtron Int‟l Corp, YY=year, WW=work week
Example: WM72016, “Green” UDFN-8 package, Lot 0411702,
Rev B., Year 2010, Work Week 12
WM72016
0411702
BD1
RIC1012
XXXXXXXX
LLLLLLLL
RPN
RICYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com