Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 24 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 24 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 20Page - Ramtron International Corporation WM72016 Datasheet HTML 21Page - Ramtron International Corporation WM72016 Datasheet HTML 22Page - Ramtron International Corporation WM72016 Datasheet HTML 23Page - Ramtron International Corporation WM72016 Datasheet HTML 24Page - Ramtron International Corporation WM72016 Datasheet HTML 25Page - Ramtron International Corporation WM72016 Datasheet HTML 26Page - Ramtron International Corporation WM72016 Datasheet HTML 27Page - Ramtron International Corporation WM72016 Datasheet HTML 28Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 24 of 32
RF Operating Characteristics (TA = -40 C to + 85 C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
SR
Read Sensitivity
-6
dBm
SW
Write Sensitivity
-6
dBm
Fr
Max Sustainable Read Rate @ SR
640
Kbits/s
1
Fw
Max Sustainable Write Rate @ Sw
160
Kbits/s
1
tST
Power-on time
1.0
1.5
ms

Change in Modulator Reflection
Coefficient
TBD
TBD
ZIN
Input Impedance @ fIN=915MHz
63 – j199
Ohms
2
Note:
1.
Actual read & write speeds are constrained by the EPC Class 1 Gen2 data communication standard.
2.
ZIN is measured at SR/SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com