Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 3Page - Ramtron International Corporation WM72016 Datasheet HTML 4Page - Ramtron International Corporation WM72016 Datasheet HTML 5Page - Ramtron International Corporation WM72016 Datasheet HTML 6Page - Ramtron International Corporation WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 7 of 32
00110
00000000
0
0
1
DEFAULT
Numbering System Identifier
NSI Type
Extended Protocol Control
User Memory identifier
EPC Identifier Word Length
LEN
NSI
XPC NT
UMI
15
11
9
10
8
7
0
bit
PROTOCOL CONTROL WORD
Figure 4. EPC Protocol Control Word
The five most significant bits of the PC indicates the size of the EPC identifier in words – for a 96-bit (6-word)
EPC identifier, the PC should be programmed to 0b0011_0xxx_xxxx_xxxx. The LEN parameter of the PC
word may not be greater than 0b00110 – a LEN parameter of 0b00000 has an EPC identifier length of zero
words resulting in only the PC and CRC words when WM72016 is acknowledged.
The UMI bit (User
Memory Identifier) is asserted to a logic one by WM72016 and mapped to bit 10 of the PC word. In the event
the host writes a logic zero to the UMI bit, the memory location will be written with a logic zero, however the
backscattered EPC identifier will assert the UMI bit to a logic one which is also used in the calculation of the
CRC. WM72016 does not support extended protocol control and should be written with a logic zero. PC word
bits 8 down to 0 of the PC word are factory-initialized to zero. The WM72016 is shipped from the factory with
the EPC memory bank unlocked.
TID Memory Bank:
The TID memory bank consists of 4 words (64 bits), and is defined as shown in Table 2. The TID memory
bank is permanently locked at the factory and obeys the ISO/IEC 15963 numbering convention.
Table 2: TID memory Bank Fields
Class Identifier
MDID[11:4]
MDID[3:0]
TMN[11:0]
ID[31:16]
ID[15:0]
0
7
8
15
16
20
31
32
47
48
63
19
Figure 5. TID Memory Bank Fields
Bit Field
Value
(hex)
Description
00h – 07h
E2
ISO/IEC 15963 class-identifier
08h – 13h
016
Mask-Designer Identifier (MDID)
– Ramtron International
14h – 1Fh
216
Tag model number
20h – 3Fh
32-bit unique identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com