| Electronic Components Datasheet Search |
|
WM72016 Datasheet(PDF) 3 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
WM72016 Datasheet(HTML) 3 Page - Ramtron International Corporation |
|
3 / 32 page ![]() WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port Rev. 1.4 May 2011 Page 3 of 32 FUNCTIONAL DESCRIPTION The WM72016 is a non-volatile memory device with an industry standard UHF RFID interface that enables processing data in and out of memory as a generic passive RFID transponder. Unlike other transponder ICs, the WM72016 transponder IC contains high density symmetric read/write F-RAM memory that enables unique applications of an RFID solution. When combined with an appropriate antenna design, WM72016 will power up with energy harvested directly from the RF field. Following an internally generated reset state, the IC configures itself according to pre- programmed configuration settings that were stored in F-RAM non-volatile memory at wafer probe, packaged parts test, or end unit transponder personalization at end-user depot. Configuration settings are read out of memory and applied prior to enabling data transmission in or out of memory. As specified in the Gen2 standard, the chip receives and processes commands transmitted by the RFID interrogator (reader). All required and most optional commands are supported. In addition to these, WM72016 supports a number of custom commands that take advantage of F-RAM‟s unique ultra low power and symmetrical characteristics. Referring to Figure 2, the transponder IC‟s consist of an RFID interface, control and authentication logic, F- RAM memory, and power management unit. The external antenna is connected directly to the RFID interface where the RF signal is rectified with high efficiency Schottky diode based rectifier. The rectified voltage is multiplied up within the Schottky array and then regulated to supply power to on-chip resources. Also included in the RFID Interface is a modulator/demodulator that detects incoming signals and modulates the input impedance to enable backscattering of returned signals. The control and authentication logic processes commands to enable access in and out of F-RAM memory. Figure 2. Block Diagram Power Management RFID Interface Control and Authentication Logic F-RAM Array (16Kb) External MCU (Optional) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |