Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 9 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 5Page - Ramtron International Corporation WM72016 Datasheet HTML 6Page - Ramtron International Corporation WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation WM72016 Datasheet HTML 12Page - Ramtron International Corporation WM72016 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 9 of 32
TAG-TO-READER DATA ENCODING
The WM72016 supports both encoding formats defined in the Gen2 standard:
FM0 baseband (FM0)
Miller modulation of a subcarrier (MMS)
Data encoding is performed in the WM72016 as described in the Gen2 standard. A FM0 data symbol is
transmitted with period T which is defined by the tag-to-reader link frequency. The difference between a logic 0
and a logic 1 is defined by an additional mid-bit transition for a logic 0 as shown below in Figure 6. Data
encoding using Miller modulation of a subcarrier (MMS) is further defined by a rate parameter M that defines the
number of link frequency cycles per data bit: 2, 4, or 8, resulting in data encoding defined as MMS2, MMS4, or
MMS8 respectively. MMS data encoding results in a phase inversion of the sub-carrier frequency when one of
the following conditions occurs:
At the mid-bit of a logic 1 data bit, or
At the bit-boundary of two consecutive logic 0s.
The following set of four figures depicts the data bit values “00”, “01”, “10” and “11” for FM0 and MMS data
encoding formats. The same link frequency is shown for all cases, however the MMS parameter M lengthens the
baseband bit period by 2, 4, or 8 as shown in Figure 7, Figure 8, and Figure 9.
0
T
2T
11
10
01
00
Figure 6. FM0 Data Encoding
0
2T
4T
11
10
01
00
Figure 7. MMS2 Data Encoding
11
10
01
00
0
4T
8T
Figure 8. MMS4 Data Encoding
11
10
01
00
0
8T
16T
Figure 9. MMS8 Data Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com