Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM72016 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation WM72016 Datasheet HTML 12Page - Ramtron International Corporation WM72016 Datasheet HTML 13Page - Ramtron International Corporation WM72016 Datasheet HTML 14Page - Ramtron International Corporation WM72016 Datasheet HTML 15Page - Ramtron International Corporation WM72016 Datasheet HTML 16Page - Ramtron International Corporation WM72016 Datasheet HTML 17Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 13 of 32
Working Stored
Address Pointer
Gen-2 Memory
Bank
Gen-2 Address
Description
RESERVED
0x000 - 0X003
RESERVED - passwords
EPC
0x000 - 0x009
EPC
SERVICE
0x00A
RESERVED
SERVICE
0x00B
RESERVED
TID
0x000 - 0x003
TID
USER
0x000
RESERVED
USER
0x001
RFU
USER
0x002
Control/Status Register
USER
0x003
Working Stored Address Register: 0x0006
USER
0x004
USER
0x005

USER
0x006
USER Memory - START
USER
0x007
USER
0x008
USER
USER
USER Memory - END
Figure 12. USER Memory Bank: Working Stored Address Register
The syntax for an unaddressed write command is shown in Figure 13 below.
All protocol requirements
governing implementation of a WRITE command also apply to the UNADDR_WRITE command.
WRITE
(0xC3)
Membank
(0b11)
WordPtr
(0xF7FF)
16-bit Data (cover-coded)
(0xNNNN)
Handle
(0xHHHH)
CRC-16
(0xCCCC)
Figure 13. Unaddressed Write Syntax
Upon reception of a valid UNADDR_WRITE command, the WM72016 examines the state of the AUTOINCR
control bit:
AUTOINCR=0: The 16-bit data word cover-coded in the unaddressed write instruction is written to the
memory address stored in the Working Stored Address register. The contents of the Working Stored
Address register remain unaltered. To avoid the memory being over-written, the Working Stored Address
register must be manually updated.
AUTOINCR=1: The Working Stored Address register is incremented by one, followed by the 16-bit data
word being written to memory. The contents of the Working Stored Address register will reflect the
memory address just written to.
A single unaddressed write cycle is shown in Figure 14 with the
AUTOINCR control bit set to a logic one. The Working Stored Address has an initial value of 0x0006 as
shown in Figure 12. An unaddressed write cycle (with AUTOINCR=1) increments the address pointer to
0x0007 followed by a write cycle to the WM72016 memory resulting in data word DATA0 being written
to USER memory address 0x007. Figure 15 depicts an additional seven discrete unaddressed write cycles
(REQRN command for cover-coding not shown). Prior to unaddressed write commands, the Working
Stored Address has a memory address of addrn. An unaddressed write command with data payload
DATAn is written to addrn+1; the following unaddressed write command with data payload DATAn+1 is
written to addrn+2, and so on. Upon completion of the final unaddressed write command, the memory
pointer contents of the Working Stored Address will be addrn+8, reflecting the memory address of the last
unaddressed write cycle.
In this manner, the RFID interrogator does not have to read the memory
contents to discern the next available memory location. This substantially reduces the time required
in the RF field yielding greater throughput of a population of tags.
The Working Stored Address pointer will be factory-initialized to the start of USER memory then
managed by the memory controller or the host application as required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com