Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16L21 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16L21 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Rev. 1.00
5
November 16, 2011
HT16L21
Timing Diagrams
I2C timing
SDA
SCL
tf
tHD:STA
tLOW
tr
tHD:DAT
tSU:DAT
tHIGH
tSU:STA
tHD:STA
S
Sr
tSP
tSU:STO
P
tBUF
S
tAA
SDA
OUT
SPI timing
tCSW
tCSH
tDS
tHS
tCW
tCW
tSYS
DIO
(INPUT )
CLK
CSB
10%
tCSL
tPD
DIO
(OUTPUT )
90%
90%
90%
90%
90%
90%
90%
90%
90%
90%
10%
10%
10%
10%
10%
10%
10%
10%
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
10%
tPD
Reset timing
VDD
Data
transfer
tPOF
tSR
50%
0.9V
0.9V
tRSON
tRSOFF
50%
80%
tRW
tRSOFF
tRSOFF
RSTB
50%
50%
50%
50%
50%
Note:1.IftheconditionsofresettimingarenotsatisfiedinpowerON/OFFsequence,theinternalpoweronreset
(POR)circuitwillnotoperatenormally.
2.IftheVDDdropslowerthantheminimumoperatingvoltageduringoperating,theconditionsofpoweron
resettimingmustalsobesatisfied.ThatistheVDDdropto0.9Vandkeepat0.9Vfor10ms(min.)before
risingtothenormaloperatingvoltage.
3.DatatransfersontheI2CinterfaceorSPI3-wireserialinterfaceshouldatleastbedelayedfor1msafter
thepower-onsequencetoensurethattheresetoperationiscomplete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com